| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6PTR 데이터시트(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6PTR 데이터시트(HTML) 90 Page - STMicroelectronics |
|
90 / 311 page ![]() 21 21 21 21 28 29 K3 K3 47 47 L10 L10 69 69 N9 N9 PB10 I/O FT _fl - TIM2_CH3, I2C4_SCL, I2C2_SCL, SPI2_SCK, OCTOSPIM_P1_IO3, USART3_TX, LPUART1_RX, TSC_SYNC, OCTOSPIM_P1_CLK , COMP1_OUT, SAI1_SCK_A, EVENTOUT - NC 22 NC 22 29 30 J3 J3 NC 48 NC L11 NC 70 H8 H8 PB11 I/O FT _fl (3) TIM2_CH4, I2C4_SDA, I2C2_SDA, USART3_RX, LPUART1_TX, OCTOSPIM_P1_NCS , LCD_VSYNC, COMP2_OUT, EVENTOUT - - --- -- --- -- --- K9 K9 PH4 I/O FT _f - I2C2_SCL, OCTOSPIM_P2_DQS , PSSI_D14, EVENTOUT - - --- -- --- -- --- L9 L9 PH5 I/O FT _f - I2C2_SDA, DCMI_PIXCLK/PSSI_ PDCK, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |