| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6PTR 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6PTR 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 311 page ![]() - - - - 38 38 E4 F3 64 64 E11 E11 97 97 G12 G12 PC7 I/O FT - TIM3_CH2, TIM8_CH2, DFSDM1_DATIN3, SDMMC2_D7, SDMMC1_D123DIR, TSC_G4_IO2, DCMI_D1/PSSI_D1, LCD_B6, SDMMC1_D7, SAI2_MCLK_B, EVENTOUT - - - - - 39 39 E1 E1 65 65 E10 E10 98 98 G10 G10 PC8 I/O FT - TIM3_CH3, TIM8_CH3, TSC_G4_IO3, DCMI_D2/PSSI_D2, SDMMC1_D0, EVENTOUT - - - - - 40 40 E2 E2 66 66 D12 D12 99 99 G9 G9 PC9 I/O FT _fl - TRACED0, TIM8_BKIN2, TIM3_CH4, TIM8_CH4, DCMI_D3/PSSI_D3, I2C3_SDA, TSC_G4_IO4, OTG_FS_NOE, SDMMC1_D1, SAI2_EXTCLK, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |