전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6PTR 데이터시트(PDF) 108 Page - STMicroelectronics

부품명 STM32L4P5CEU6PTR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6PTR 데이터시트(HTML) 108 Page - STMicroelectronics

Back Button STM32L4P5CEU6PTR Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 110Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 111Page - STMicroelectronics STM32L4P5CEU6PTR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 311 page
background image
-
-
-
-
-
-
A5
A5
-
-
D8
D8
125 125
D6
D6
PG10
I/O
FT
_s
-
LPTIM1_IN1,
OCTOSPIM_P2_IO7,
SPI3_MISO,
USART1_RX,
SDMMC2_D1,
FMC_NE3,
SAI2_FS_A,
TIM15_CH1,
EVENTOUT
-
-
-
-
-
-
-
E5
D6
-
-
G3
G3
126 126
E6
E6
PG11
I/O
FT
_s
-
LPTIM1_IN2,
OCTOSPIM_P1_IO5,
SPI3_MOSI,
USART1_CTS_NSS,
SDMMC2_D2,
SAI2_MCLK_A,
TIM15_CH2,
EVENTOUT
-
-
---
--
B6
B6
-
-
D7
D7
127 127
F6
F6
PG12
I/O
FT
_s
-
LPTIM1_ETR,
OCTOSPIM_P2_NCS
, SPI3_NSS,
USART1_RTS_DE,
SDMMC2_D3,
FMC_NE4,
SAI2_SD_A,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More