| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6TR 데이터시트(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6TR 데이터시트(HTML) 84 Page - STMicroelectronics |
|
84 / 311 page ![]() 14 14 14 14 20 20 H7 F6 29 29 J4 J4 40 40 L3 L3 PA4 I/O TT _a - OCTOSPIM_P1_NCS , SPI1_NSS, SPI3_NSS, USART2_CK, DCMI_HSYNC/PSSI_ DE, LCD_CLK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT ADC12_IN9, DAC1_OUT1 15 15 15 15 21 21 J7 G6 30 30 K4 K4 41 41 K4 K4 PA5 I/O TT _a - TIM2_CH1, TIM2_ETR, TIM8_CH1N, PSSI_D14, SPI1_SCK, LCD_R7, LPTIM2_ETR, EVENTOUT ADC12_IN10, DAC1_OUT2 16 16 16 16 22 22 K9 K9 31 31 L4 L4 42 42 M4 M4 PA6 I/O FT _a - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, DCMI_PIXCLK/PSSI_ PDCK, SPI1_MISO, USART3_CTS_NSS, LPUART1_CTS, OCTOSPIM_P1_IO3, TIM16_CH1, EVENTOUT OPAMP2_VINP, ADC12_IN11 - --- -- --- - M4 M4 - - N4 N4 OPAMP2 _VINM ITT - - - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |