전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6TR 데이터시트(PDF) 100 Page - STMicroelectronics

부품명 STM32L4P5CEU6TR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6TR 데이터시트(HTML) 100 Page - STMicroelectronics

Back Button STM32L4P5CEU6TR Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 311 page
background image
32
32
32
32
44
44
D1
D1
70
70
B12 B12 103 103 E13 E13
PA11
I/O
FT
_u
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
USART1_CTS_NSS,
CAN1_RX,
OTG_FS_DM,
LCD_DE,
EVENTOUT
-
33
33
33
33
45
45
C1
C1
71
71
A12 A12 104 104 D13 D13
PA12
I/O
FT
_u
-
TIM1_ETR,
SPI1_MOSI,
OCTOSPIM_P2_NCS
, USART1_RTS_DE,
CAN1_TX,
OTG_FS_DP,
LCD_VSYNC,
EVENTOUT
-
34
34
34
34
46
46
C2
C2
72
72
A11 A11 105 105 A11 A11
PA13
(JTMS/S
WDIO)
I/O FT (4)
JTMS/SWDIO,
IR_OUT,
OTG_FS_NOE,
SAI1_SD_B,
EVENTOUT
-
35
35
35
35
47
47
B1
B1
-
-
F11 F11
-
-
C12 C12
VSS
S
-
-
-
-
36
36
36
36
48
48
A1
A1
73
73
C11 C11 106 106 E12 E12 VDDUSB
S
-
-
-
-
-
-
-
-
-
-
B1
B1
74
74
F11 F11 107 107 C12 C12
VSS
S
-
-
-
-
-
-
-
-
-
-
F1
F1
75
75
G11 G11 108 108 C13 C13
VDD
S
-
-
-
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More