전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6TR 데이터시트(PDF) 88 Page - STMicroelectronics

부품명 STM32L4P5CEU6TR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6TR 데이터시트(HTML) 88 Page - STMicroelectronics

Back Button STM32L4P5CEU6TR Datasheet HTML 84Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 85Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 311 page
background image
-
-
-
-
-
-
K5
K5
39
39
L7
L7
59
59
K7
K7
PE8
I/O FT
-
TIM1_CH1N,
DFSDM1_CKIN2,
LCD_B7, FMC_D5,
SAI1_SCK_B,
EVENTOUT
-
-
-
-
-
-
-
J5
J5
40
40
M8
M8
60
60
J7
J7
PE9
I/O FT
-
TIM1_CH1,
DFSDM1_CKOUT,
OCTOSPIM_P1_NCL
K, LCD_G2,
FMC_D6,
SAI1_FS_B,
EVENTOUT
-
-
---
--
---
-
F6
F6
61
61
M7
M7
VSS
S
-
-
-
-
-
---
--
---
-
G6
G6
62
62
N7
N7
VDD
S
-
-
-
-
-
-
-
-
-
-
H5
H5
41
41
L8
L8
63
63
H7
H7
PE10
I/O FT
-
TIM1_CH2N,
TSC_G5_IO1,
OCTOSPIM_P1_CLK
, LCD_G3, FMC_D7,
SAI1_MCLK_B,
EVENTOUT
-
-
-
-
-
-
-
K4
K4
42
42
M9
M9
64
64
N8
N8
PE11
I/O FT
-
TIM1_CH2,
TSC_G5_IO2,
OCTOSPIM_P1_NCS
, LCD_G4, FMC_D8,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More