| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6P 데이터시트(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6P 데이터시트(HTML) 88 Page - STMicroelectronics |
|
88 / 311 page ![]() - - - - - - K5 K5 39 39 L7 L7 59 59 K7 K7 PE8 I/O FT - TIM1_CH1N, DFSDM1_CKIN2, LCD_B7, FMC_D5, SAI1_SCK_B, EVENTOUT - - - - - - - J5 J5 40 40 M8 M8 60 60 J7 J7 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, OCTOSPIM_P1_NCL K, LCD_G2, FMC_D6, SAI1_FS_B, EVENTOUT - - --- -- --- - F6 F6 61 61 M7 M7 VSS S - - - - - --- -- --- - G6 G6 62 62 N7 N7 VDD S - - - - - - - - - - H5 H5 41 41 L8 L8 63 63 H7 H7 PE10 I/O FT - TIM1_CH2N, TSC_G5_IO1, OCTOSPIM_P1_CLK , LCD_G3, FMC_D7, SAI1_MCLK_B, EVENTOUT - - - - - - - K4 K4 42 42 M9 M9 64 64 N8 N8 PE11 I/O FT - TIM1_CH2, TSC_G5_IO2, OCTOSPIM_P1_NCS , LCD_G4, FMC_D8, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |