| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6P 데이터시트(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6P 데이터시트(HTML) 99 Page - STMicroelectronics |
|
99 / 311 page ![]() 29 29 29 29 41 41 E3 E3 67 67 D11 D11 100 100 G8 G8 PA8 I/O FT _f - MCO, TIM1_CH1, SAI1_CK2, USART1_CK, OTG_FS_SOF, LCD_B7, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 30 30 30 30 42 42 D3 D3 68 68 D10 D10 101 101 F10 F10 PA9 I/O FT _fl u - TIM1_CH2, SPI2_SCK, DCMI_D0/PSSI_D0, USART1_TX, LCD_G7, SAI1_FS_A, TIM15_BKIN, EVENTOUT OTG_FS_VBUS 31 31 31 31 43 43 D2 D2 69 69 C12 C12 102 102 F9 F9 PA10 I/O FT _fl u - TIM1_CH3, SAI1_D1, DCMI_D1/PSSI_D1, USART1_RX, OTG_FS_ID, LCD_G6, SAI1_SD_A, TIM17_BKIN, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |