| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6P 데이터시트(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6P 데이터시트(HTML) 94 Page - STMicroelectronics |
|
94 / 311 page ![]() - - - - - - G2 G2 56 56 K8 K8 78 78 L10 L10 PD9 I/O FT - USART3_RX, DCMI_PIXCLK/PSSI_ PDCK, LCD_R4, FMC_D14, SAI2_MCLK_A, EVENTOUT - - - - - - - G1 G1 57 57 J12 J12 79 79 J13 J13 PD10 I/O FT - USART3_CK, TSC_G6_IO1, LCD_R5, FMC_D15, SAI2_SCK_A, EVENTOUT - - --- -- --- - F11 F11 - - L13 L13 VSS S - - - - - --- -- --- - H3 H3 - - H13 H13 VDD S - - - - - - - - - - - - 58 58 J11 J11 80 80 K12 K12 PD11 I/O FT - I2C4_SMBA, USART3_CTS_NSS, TSC_G6_IO2, LCD_R6, FMC_A16, SAI2_SD_A, LPTIM2_ETR, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |