| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6P 데이터시트(PDF) 282 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6P 데이터시트(HTML) 282 Page - STMicroelectronics |
|
282 / 311 page ![]() Package information STM32L4P5xx 282/311 DS12903 Rev 2 Figure 77. UFQFPN48 recommended footprint 1. Dimensions are expressed in millimeters. E2 5.500 5.600 5.700 0.2165 0.2205 0.2244 L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 1. Values in inches are converted from mm and rounded to 4 decimal digits. Table 125. UFQFPN48 mechanical data (continued) Symbol millimeters inches(1) Min Typ Max Min Typ Max 7.30 7.30 0.20 0.30 0.55 0.50 5.80 6.20 6.20 5.60 5.60 5.80 0.75 A0B9_FP_V2 48 1 12 13 24 25 36 37 |