전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6P 데이터시트(PDF) 296 Page - STMicroelectronics

부품명 STM32L4P5CEU6P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P 데이터시트(HTML) 296 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 292Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 293Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 294Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 295Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 296Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 297Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 298Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 299Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 311 page
background image
Package information
STM32L4P5xx
296/311
DS12903 Rev 2
Device marking for UFBGA132
The following figure gives an example of topside marking orientation versus ball A1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 94. UFBGA132 marking (package top view)
1. Parts marked as ES or E or accompanied by an engineering sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MSv61148V1
Date code
STM32L
Product
identification (1)
Additional information
YWW
4P5QGI6
Y
Ball 1
indentifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More