| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEI3 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI3 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 311 page ![]() - --- -- --- -- - 22 22 H4 H4 PF10 I/O FT - OCTOSPIM_P1_CLK , PSSI_D15, DFSDM1_CKOUT, DCMI_D11/PSSI_D11 , SAI1_D3, TIM15_CH2, EVENTOUT - 5 5 5 5 5 5F10 F10 12 12F1 F123 23 H1 H1 PH0- OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN 6 6 6 6 6 6 F9 G10 13 13 G1 G1 24 24 J1 J1 PH1- OSC_OU T (PH1) I/O FT - EVENTOUT OSC_OUT 777 77 7 F8 E8 14 14 H2 H2 25 25 H3 H3 NRST I-O RS T -- - - --- 8 8 G10 F9 15 15 H1 H1 26 26 J2 J2 PC0 I/O FT _fl a - LPTIM1_IN1, I2C3_SCL, SDMMC2_CKIN, LPUART1_RX, LCD_DE, SDMMC1_CMD, SAI2_FS_A, LPTIM2_IN1, EVENTOUT ADC12_IN1 Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |