전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEI3 데이터시트(PDF) 93 Page - STMicroelectronics

부품명 STM32L4P5CEI3
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3 데이터시트(HTML) 93 Page - STMicroelectronics

Back Button STM32L4P5CEI3 Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 311 page
background image
27
27
27
27
35
35
H1
H2
53
53
K11 K11
75
75
M1
3
M1
3
PB14
I/O
FT
_fl
-
TIM1_CH2N,
TIM8_CH2N,
I2C2_SDA,
SPI2_MISO,
DFSDM1_DATIN2,
USART3_RTS_DE,
TSC_G1_IO3,
OCTOSPIM_P1_IO6,
SDMMC2_D0,
SAI2_MCLK_A,
TIM15_CH1,
EVENTOUT
-
28
28
28
28
36
36
H3
H1
54
54
K10 K10
76
76
M1
2
M1
2
PB15
I/O FT
-
RTC_REFIN,
TIM1_CH3N,
TIM8_CH3N,
SPI2_MOSI,
DFSDM1_CKIN2,
TSC_G1_IO4,
OCTOSPIM_P1_IO7,
SDMMC2_D1,
SAI2_SD_A,
TIM15_CH2,
EVENTOUT
-
-
-
-
-
-
-
G3
H3
55
55
K9
K9
77
77
L11 L11
PD8
I/O FT
-
USART3_TX,
DCMI_HSYNC/PSSI_
DE, LCD_R3,
FMC_D13,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More