전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEI3 데이터시트(PDF) 92 Page - STMicroelectronics

부품명 STM32L4P5CEI3
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3 데이터시트(HTML) 92 Page - STMicroelectronics

Back Button STM32L4P5CEI3 Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 89Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 311 page
background image
25
25
25
25
33
33
J1
J1
51
51
L12 L12
73
73
N12 N12
PB12
I/O FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS,
DFSDM1_DATIN1,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1,
OCTOSPIM_P1_NCL
K, SDMMC2_CK,
SAI2_FS_A,
TIM15_BKIN,
EVENTOUT
-
26
26
26
26
34
34
H2
J2
52
52
K12 K12
74
74
N13 N13
PB13
I/O
FT
_fl
-
TIM1_CH1N,
I2C2_SCL,
SPI2_SCK,
DFSDM1_CKIN1,
USART3_CTS_NSS,
LPUART1_CTS,
TSC_G1_IO2,
OCTOSPIM_P1_IO1,
SAI2_SCK_A,
TIM15_CH1N,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More