전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEI3 데이터시트(PDF) 103 Page - STMicroelectronics

부품명 STM32L4P5CEI3
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3 데이터시트(HTML) 103 Page - STMicroelectronics

Back Button STM32L4P5CEI3 Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEI3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 311 page
background image
-
---
--
---
--
---
E10 E10
PI5
I/O FT
-
TIM8_CH1,
OCTOSPIM_P2_NCS
,
DCMI_VSYNC/PSSI_
RDY, EVENTOUT
-
-
---
--
---
--
---
C9
C9
PH13
I/O FT
-
TIM8_CH1N,
CAN1_TX,
EVENTOUT
-
-
---
--
---
--
---
B9
B9
PI6
I/O FT
-
TIM8_CH2,
OCTOSPIM_P2_CLK
, DCMI_D6/PSSI_D6,
EVENTOUT
-
37
37
37
37
49
49
B2
B2
76
76
A10 A10 109 109 A10 A10
PA14
(JTCK/S
WCLK)
I/O FT (4)
JTCK/SWCLK,
LPTIM1_OUT,
I2C1_SMBA,
I2C4_SMBA,
OTG_FS_SOF,
SAI1_FS_B,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More