전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA328 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STA328
상세설명  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 4Page - STMicroelectronics STA328 Datasheet HTML 5Page - STMicroelectronics STA328 Datasheet HTML 6Page - STMicroelectronics STA328 Datasheet HTML 7Page - STMicroelectronics STA328 Datasheet HTML 8Page - STMicroelectronics STA328 Datasheet HTML 9Page - STMicroelectronics STA328 Datasheet HTML 10Page - STMicroelectronics STA328 Datasheet HTML 11Page - STMicroelectronics STA328 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
STA328
8/41
5
FUNCTIONAL DESCRIPTION
5.1 PIN DESCRIPTION
5.1.1
OUT1A, 1B, 2A & 2B (Pins 16, 10, 9 & 3)
Output Half Bridge PWM Outputs 1A, 1B, 2A & 2B provide the inputs signals to the speaker devices.
5.1.2
RESET (Pin 22)
Driving RESET low sets all outputs low and returns all register settings to their defaults. The reset is asyn-
chronous to the internal clock.
5.1.3
I2C Signals (Pins 23 & 24)
The SDA (I2C Data) and SCL (I2C Clock) pins operate per the I2C specification. See Section 4.0. Fast-
mode (400kB/sec) I2C communication is supported.
5.1.4
GNDA & VDDA: Phase Locked Loop Power (Pins 28-29)
The phase locked loop power is applied here. This +3.3V supply must be well bypassed and filtered for
noise immunity. The audio performance of the device is critically dependent upon the PLL circuit.
5.1.5
CLK: Master Clock In (Pin 27)
This is the master clock in required for the operation of the digital core. The master clock must be an in-
teger multiple of the LR clock frequency. Typically, the master clock frequency is 12.288 MHz (256*Fs) for
a 48kHz sample rate, which is the default at power-up. Care must be taken to avoid over-clocking the
device i.e provide the device with the nominally required system clock; otherwise, the device may not prop-
erly operate or be able to communicate.
5.1.6
FILTER_PLL: PLL Filter (Pin 26)
PLL Filter connects to external filter components for PLL loop compensation. Refer to the schematic dia-
gram for the recommended circuit.
5.1.7
BICKI: Bit Clock In (Pin 32)
The serial or bit clock input is for framing each data bit. The bit clock frequency is typically 64*Fs, for ex-
ample using I2S serial format.
5.1.8
SDI_12: Serial Data Input (Pin 30)
PCM audio information enters the device here. Six format choices are available including I2S, left- or right-
justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
5.1.9
LRCKI: Left/Right Clock In (Pin 31)
The Left/Right clock input is for data word framing. The clock frequency will be at the input sample rate Fs.
5.2 AUDIO PERFORMANCE
TBD
5.3 PIN CONNECTION (Top View)
6
STA328 I2C BUS SPECIFICATION
The STA328 supports the I2C protocol. This protocol defines any device that sends data on to the bus as
a transmitter and any device that reads the data as a receiver. The device that controls the data transfer
is known as the master and the other as the slave. The master always starts the transfer and provides
the serial clock for synchronization. The STA328 is always a slave device in all of its communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com