전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L462CEU6 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32L462CEU6
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEU6 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32L462CEU6 Datasheet HTML 57Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 58Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 59Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 60Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 61Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 62Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 63Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 64Page - STMicroelectronics STM32L462CEU6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 198 page
background image
DocID029969 Rev 1
61/198
STM32L462CE STM32L462RE STM32L462VE
Pinouts and pin description
80
22 H3 30 H7 48
L11
PB11
I/O
FT_f
-
TIM2_CH4, I2C4_SDA,
I2C2_SDA, USART3_RX,
LPUART1_TX,
QUADSPI_BK1_NCS,
COMP2_OUT, EVENTOUT
-
23 H2 31 D6 49 F12
VSS
S
-
-
-
-
24 H1 32 E6 50 G12
VDD
S
-
-
-
-
25 G3 33 H8 51
L12
PB12
I/O
FT
-
TIM1_BKIN,
TIM1_BKIN_COMP2,
I2C2_SMBA, SPI2_NSS,
DFSDM1_DATIN1,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1, CAN1_RX,
SAI1_FS_A, TIM15_BKIN,
EVENTOUT
-
26 G2 34 G8 52 K12
PB13
I/O
FT_f
-
TIM1_CH1N, I2C2_SCL,
SPI2_SCK,
DFSDM1_CKIN1,
USART3_CTS,
LPUART1_CTS,
TSC_G1_IO2, CAN1_TX,
SAI1_SCK_A,
TIM15_CH1N, EVENTOUT
-
27 G1 35 F8
53 K11
PB14
I/O
FT_f
-
TIM1_CH2N, I2C2_SDA,
SPI2_MISO,
DFSDM1_DATIN2,
USART3_RTS_DE,
TSC_G1_IO3,
SAI1_MCLK_A,
TIM15_CH1, EVENTOUT
-
28 F1 36 F7
54 K10
PB15
I/O
FT
-
RTC_REFIN, TIM1_CH3N,
SPI2_MOSI,
DFSDM1_CKIN2,
TSC_G1_IO4, SAI1_SD_A,
TIM15_CH2, EVENTOUT
-
----
55
K9
PD8
I/O
FT
-
USART3_TX, EVENTOUT
-
----
56
K8
PD9
I/O
FT
-
USART3_RX, EVENTOUT
-
----
57
J12
PD10
I/O
FT
-
USART3_CK,
TSC_G6_IO1, EVENTOUT
-
Table 13. STM32L462xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More