| 전자부품 데이터시트 검색엔진 |
|
STM32L462CEU6 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEU6 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 198 page ![]() Pinouts and pin description STM32L462CE STM32L462RE STM32L462VE 62/198 DocID029969 Rev 1 ---- 58 J11 PD11 I/O FT - I2C4_SMBA, USART3_CTS, TSC_G6_IO2, LPTIM2_ETR, EVENTOUT - ---- 59 J10 PD12 I/O FT - I2C4_SCL, USART3_RTS_DE, TSC_G6_IO3, LPTIM2_IN1, EVENTOUT - ---- 60 H12 PD13 I/O FT - I2C4_SDA, TSC_G6_IO4, LPTIM2_OUT, EVENTOUT - ---- 61 H11 PD14 I/O FT - EVENTOUT - ---- 62 H10 PD15 I/O FT - EVENTOUT - -F2 37 F6 63 E12 PC6 I/O FT - TIM3_CH1, DFSDM1_CKIN3, TSC_G4_IO1, SDMMC1_D6, EVENTOUT - - E1 38 E764E11 PC7 I/O FT - TIM3_CH2, DFSDM1_DATIN3, TSC_G4_IO2, SDMMC1_D7, EVENTOUT - -F3 39 E8 65 E10 PC8 I/O FT - TIM3_CH3, TSC_G4_IO3, SDMMC1_D0, EVENTOUT - -E2 40 D8 66 D12 PC9 I/O FT - TIM3_CH4, TSC_G4_IO4, USBNOE, SDMMC1_D1, EVENTOUT - 29 E3 41 D7 67 D11 PA8 I/O FT - MCO, TIM1_CH1, DFSDM1_CKIN1, USART1_CK, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 30 D1 42 C7 68 D10 PA9 I/O FT_f - TIM1_CH2, I2C1_SCL, DFSDM1_DATIN1, USART1_TX, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 31 C1 43 C6 69 C12 PA10 I/O FT_f - TIM1_CH3, I2C1_SDA, USART1_RX, USBCRS_SYNC, SAI1_SD_A, EVENTOUT - Table 13. STM32L462xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |