| 전자부품 데이터시트 검색엔진 |
|
STM32L462CEU6 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEU6 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 198 page ![]() Pinouts and pin description STM32L462CE STM32L462RE STM32L462VE 64/198 DocID029969 Rev 1 -C4 54 B5 83 C8 PD2 I/O FT - TRACED2, TIM3_ETR, USART3_RTS_DE, TSC_SYNC, SDMMC1_CMD, EVENTOUT - ---- 84 B8 PD3 I/O FT - SPI2_MISO, DFSDM1_DATIN0, USART2_CTS, QUADSPI_BK2_NCS, EVENTOUT - ---- 85 B7 PD4 I/O FT - SPI2_MOSI, DFSDM1_CKIN0, USART2_RTS_DE, QUADSPI_BK2_IO0, EVENTOUT - ---- 86 A6 PD5 I/O FT - USART2_TX, QUADSPI_BK2_IO1, EVENTOUT - ---- 87 B6 PD6 I/O FT - DFSDM1_DATIN1, USART2_RX, QUADSPI_BK2_IO2, SAI1_SD_A, EVENTOUT - ---- 88 A5 PD7 I/O FT - DFSDM1_CKIN1, USART2_CK, QUADSPI_BK2_IO3, EVENTOUT - 39 B4 55 A5 89 A8 PB3 (JTDO/ TRACE SWO) I/O FT_a (4) JTDO/TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK, USART1_RTS_DE, SAI1_SCK_B, EVENTOUT COMP2_INM 40 A4 56 A4 90 A7 PB4 (NJTRST) I/O FT_fa (4) NJTRST, TIM3_CH1, I2C3_SDA, SPI1_MISO, SPI3_MISO, USART1_CTS, TSC_G2_IO1, SAI1_MCLK_B, EVENTOUT COMP2_INP Table 13. STM32L462xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |