| 전자부품 데이터시트 검색엔진 |
|
STM32L462CEU6 데이터시트(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEU6 데이터시트(HTML) 108 Page - STMicroelectronics |
|
108 / 198 page ![]() Electrical characteristics STM32L462CE STM32L462RE STM32L462VE 108/198 DocID029969 Rev 1 APB1 DAC1 2.4 1.8 2.2 µA/MHz RTCA 1.7 1.1 2.1 CRS 0.3 0.3 0.6 USB FS independent clock domain 2.9 N/A N/A USB FS clock domain 2.3 N/A N/A I2C1 independent clock domain 3.5 2.8 3.4 I2C1 clock domain 1.1 0.9 1.0 I2C2 independent clock domain 3.5 3.0 3.4 I2C2 clock domain 1.1 0.7 0.9 I2C3 independent clock domain 2.9 2.3 2.5 I2C3 clock domain 0.9 0.4 0.8 LPUART1 independent clock domain 1.9 1.6 1.8 LPUART1 clock domain 0.6 0.6 0.6 LPTIM1 independent clock domain 2.9 2.4 2.8 LPTIM1 clock domain 0.8 0.4 0.7 LPTIM2 independent clock domain 3.1 2.7 3.9 LPTIM2 clock domain 0.8 0.7 0.8 OPAMP 0.4 0.2 0.4 PWR 0.4 0.1 0.4 SPI2 1.8 1.6 1.6 SPI3 1.7 1.3 1.6 SWPMI1 independent clock domain 1.9 1.6 1.9 SWPMI1 clock domain 0.9 0.7 0.8 TIM2 6.2 5.0 5.9 TIM6 1.0 0.6 0.9 USART2 independent clock domain 4.1 3.6 3.8 USART2 clock domain 1.3 0.9 1.1 USART3 independent clock domain 4.3 3.5 4.2 USART3 clock domain 1.5 1.1 1.3 WWDG 0.5 0.5 0.5 Table 38. Peripheral current consumption (continued) Peripheral Range 1 Range 2 Low-power run and sleep Unit |