전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4963-2M 데이터시트(PDF) 56 Page - Infineon Technologies AG

부품명 TLE4963-2M
상세설명  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M 데이터시트(HTML) 56 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 52Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 53Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 54Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 55Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 56Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 59Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
56
Pressure sensors
Cars have to act and perform in the same way whether driving along a coast
or through mountains. As a result of different locations, the composition
and the quality of the air around changes. It is important that the engine
react immediately to these changes. Infineon offers various pressure sen-
sors for barometric measurements with analog and digital interface and
various pressure ranges.
Typical safety-related automotive pressure sensing applications such as side
impact and pedestrian protection call for the highest quality and accuracy
standards with full ISO 26262 compliance. Every year thousands of pedestri-
ans are severely injured in traffic due to slow or failing sensing elements. Our
Infineon XENSIV™ safety pressure sensor family includes integrated pressure
sensors that tick all these boxes with PSI5 peripheral sensor interfaces for safe-
ty-critical use cases. Our sensors support new safety systems, increasing the
protection of pedestrians and car occupants in the event of a collision.
Our family of digital barometric pressure sensors also gives designers the
best choice when it comes to mobile and wearable devices. Highlights
include small form factors to facilitate system integration, highest precision
and relative accuracy over a wide temperature range, fast read-out speeds
via the serial I2C/SPI interface, and low power consumption to ensure longer
battery lifetimes.
Automotive applications
› Barometric absolute pressure
› Seat comfort systems
› Manifold absolute pressure
› Exhaust gas recirculation
› Secondary air valve
› Fuel vapor/ORVR
› Natural gas vehicle
› Side crash detection
› Pedestrian impact detection
› Battery monitoring for EV
› Brake booster
› 2-wheeler ECU and MAP
Industrial applications
› Industrial and process controls
› Gas flow
› Level meter
› Barometric pressure
› Altitude compensation systems
› Weather stations
› Engine management systems
› Medical equipment
Consumer applications
› Multicopter
› Health and fitness
› Outdoor navigation
› Indoor navigation
› Smart home
› Air flow control
› Health care
Powertrain systems have to fulfill the constantly increasing stringent media
requirements. Environmental legislation aims to deliver cleaner air by en-
suring a steady global decrease in CO2 emissions. Thanks to their accurate
measurement capability, Infineon MAP and turbo MAP product with analog
or digital interface enable engines to meet these requirements.
www.infineon.com/pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91