| 전자부품 데이터시트 검색엔진 |
|
TLE4963-2M 데이터시트(PDF) 83 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4963-2M 데이터시트(HTML) 83 Page - Infineon Technologies AG |
|
83 / 91 page ![]() 83 Sensor 2GO kits Sensor 2GO kits Angle sensor 2GO kit Product name: TLE5012B_E1000_MS2GO/ TLI5012B_E1000_MS2GO/ TLE5012B_E5000_MS2GO/ TLE5012B_E9000_MS2GO Ordering code: SP002133956/ SP002133960/ SP002133964/ SP002133968 Features › Budget-pricedevaluationboardforangleandpositionsensing › Weofferfourderivatives: – TLE5012B E1000 version: automotive predefined variant with SSC and IIF communication protocols – TLE5012B E5000 version: automotive predefined variant with SSC and PWM communication protocols – TLE5012B E9000 version: automotive predefined variant with SSC and SPC communication protocols – TLI5012B E1000 version: industrial predefined variant with SSC and IIF communication protocols › TLE5012B/TLI5012BGMRdigitalanglesensor › XMC1100(Arm®Cortex™-M0based) › On-boardJ-LinkLiteDebugger (realized with XMC4200 microcontroller) › Thekitiscompatiblewiththeanglerotateknobfor fast evaluation › GUIbasedtoolforrealin-applicationevaluationfor free download MEMS microphone Product name: EVAL_IM69D130_FLEXKIT Ordering code: SP002153022 The flex evaluation kit allows simple and easy evaluation of XEN- SIV™ MEMS microphone IM69D130. The flex board can be easily connected to the audio testing setup. The evaluation kit includes five IM69D130 mounted on a flex board and one adapter board. Features › QuickandeasyevaluationofXENSIV™MEMSmicrophones › Flexdimensions:25x4.5mm › Adapterdimensions:20x15mm Speed sensor 2GO kit Product name: TLE4922 MS2GO Ordering code: SP003029974 Features › Budget-pricedevaluationboardforspeedsensing › Completespeedsensorincl.back-biasmagnet,fixingandcable › TLE4922(activemonocellHallsensor) › XMC1100(Arm®Cortex™-M0based) › On-boardJ-LinkLiteDebugger (realized with XMC4200 microcontroller) › PoweroverUSB(MicroUSB),ESDandreversecurrentprotection › GUIbasedtoolforrealin-applicationevaluationforfreedownload More information More information More information www.infineon.com/sensors2go |