전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4963-2M 데이터시트(PDF) 12 Page - Infineon Technologies AG

부품명 TLE4963-2M
상세설명  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M 데이터시트(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 8Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 9Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 10Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 11Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 12Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 13Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
12
Magnetic torque sensing assembly
Application trend: fault tolerant
Conventional EPS systems, which use two linear Hall
sensors for ASIL D compliance, have to shut-down in the
event of a loss of one sensor signal. Therefore, the trend
in EPS systems is to increase availability by implementing
additional sensor signals or plausibility mechanisms.
To support this trend towards high-availability EPS
functionality, Infineon recommends the usage of two
TLE4998xD dual-sensors or two TLE4999x, each of them
with two highly accurate redundant Hall measurement
channels (main and sub) integrated on one single chip.
In case of one TLE4998xD or TLE4999x signal loss, the
remaining dual-sensor (TLE4998xD) or the single die two
channels (TLE4999x) in the system provides continued
operation of the EPS, avoiding an immediate system shut-
down.
Input sha
Output sha
Torsion bar
Multipole magnetic ring
Stator
Sensor (e.g. TLE4999I3)
Flux concentrator
Stator
+
Limp-aside,
degraded operation
for very limited time
Shut-down
(= sudden loss!)
ECU
Shut-down
Failure reaction
ECU
Soware,
plausibility
Limp-aside
Application trend: fault-tolerant EPS
New OEM safety goal: avoid sudden loss of steering support, up to ASIL-D
Failure reaction
Continued operation
Dual sensor
ECU
Fault-tolerant
Failure reaction
Dual sensor
Magnetic position sensors for the ultimate in energy efficiency and
functional safety in Electric Power Steering (EPS)
Sensors in
Electric Power Steering (EPS)
www.infineon.com/eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91