전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P04D 데이터시트(PDF) 3 Page - A POWER MICROELECTRONICS

부품명 AP50P04D
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P04D 데이터시트(HTML) 3 Page - A POWER MICROELECTRONICS

  AP50P04D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP50P04D
-40V P-Channel Enhancement Mode MOSFET
AP50P04D RVE1.0
永源微電子科技有限公司
0
2
4
6
8
10
12
0
0.25
0.5
0.75
1
-VDS Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
10
12
14
16
18
2
4
6
8
10
-VGS (V)
ID=-12A
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
20
40
60
QG , Total Gate Charge (nC)
VDS=-20V
ID=-12A
0
0.5
1
1.5
-50
0
50
100
150
TJ ,Junction Temperature ( ℃)
0.5
1.0
1.5
2.0
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance v.s Gate-Source
Voltage
Fig.3 Forward Characteristics Of Reverse
diode
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) v.s TJ
Fig.6 Normalized RDSON v.s TJ



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com