전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P04D 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP50P04D
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P04D 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50P04D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP50P04D
-40V P-Channel Enhancement Mode MOSFET
AP50P04D RVE1.0
永源微電子科技有限公司
Description
The AP50P04D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -40V ID =-50 A
RDS(ON) < -13mΩ @ VGS=-10V (Type:10.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50P04D
TO-252-3L
AP50P04D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-50
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-32
A
IDM
Pulsed Drain Current2
-105
A
EAS
Single Pulse Avalanche Energy3
146
mJ
IAS
Avalanche Current
-54
A
PD@TC=25℃
Total Power Dissipation4
52.1
W
PD@TA=25℃
Total Power Dissipation4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.4
℃
/W


유사한 부품 번호 - AP50P04D

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP50P04F APME-AP50P04F Datasheet
858Kb / 9P
-40V P-Channel Enhancement Mode MOSFET
REV1.1
AP50P04NF APME-AP50P04NF Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP50P04P APME-AP50P04P Datasheet
858Kb / 9P
-40V P-Channel Enhancement Mode MOSFET
REV1.1
AP50P04T APME-AP50P04T Datasheet
858Kb / 9P
-40V P-Channel Enhancement Mode MOSFET
REV1.1
More results

유사한 설명 - AP50P04D

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com