전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P04D 데이터시트(PDF) 5 Page - A POWER MICROELECTRONICS

부품명 AP50P04D
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P04D 데이터시트(HTML) 5 Page - A POWER MICROELECTRONICS

  AP50P04D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P04D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP50P04D
-40V P-Channel Enhancement Mode MOSFET
AP50P04D RVE1.0
永源微電子科技有限公司
Package Mechanical Data:TO-252-3L
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
A2
B
C
D
E
G
H
L
V1
V2
2.10
0
0.66
0.40
2.50
0.10
0.86
0.60
0.083
0
0.026
0.016
0.098
0.004
0.034
0.024
6.40
9.50
10.70
0.374
0.421
0.053
0.065
5.90
6.30
L2
0°
6°
0.232
0.248
6.80
0.252
0.268
4.47
4.67
0.176
0.184
1.09
1.21
0.043
0.048
7°
1.35
1.65
0°
6°
7°
B2
5.18
5.48
0.202
0.216
C2
0.44
0.58
0.017
0.023
D1
E1
5.30REF
4.63
0.182
0.209REF
B2
E
B
G
C2
DETAIL A
DETAIL A
A
C
V1
V1
E1
L2
TO-252
Reel Spectification-TO-252
D0
P0
P2
P1
T
t1
K0
A0
5°
A
A
A A
B
B
B B
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
W
E
F
D0
D1
P0
P1
P2
A0
B0
K0
T
t1
15.90
1.65
7.40
1.40
16.10
1.85
7.60
1.60
0.626
0.065
0.291
0.055
0.634
0.073
0.299
0.063
1.40
1.60
7.90
10.45
10.60
0.411
0.417
0.24
0.27
0.009
0.011
0.055
0.063
3.90
4.10
6.90
0.271
10P0
0.154
0.161
8.10
0.311
0.319
1.90
2.10
0.075
0.083
0.10
0.004
40.00
1.575
2.78
0.109
Φ13
20
16.00
1.75
7.50
1.50
1.50
4.00
8.00
2.00
10.50
0.630
0.069
0.295
0.059
0.059
0.157
0.315
0.079
0.413
6.85
7.00
2.68
2.88
0.270
0.276
0.105
0.113
39.80
40.20
1.567
1.583



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com