| 전자부품 데이터시트 검색엔진 |
|
M39208NA 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M39208NA 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 30 page ![]() Symbol Alt Parameter M39208 Unit -100 -120 -150 Min Max Min Max Min Max tWLWL tBLC Time-out after the Last Byte Write 150 150 150 µs tWC Write Cycle Time (EEPROM) 10 10 10 ms tAVAV Address Valid to Next Address Valid 100 120 150 ns tWLEL tWS Write Enable Low to Memory Block Enable Low 00 0 ns tELEH tCP Memory Block Enable Low to Memory Block Enable High 50 50 65 ns tDVEH tDS Input Valid to Memory Block Enable High 50 50 65 ns tEHDX tDH Memory Block Enable High to Input Transition 00 0 ns tEHWH tWH Memory Block Enable High to Write Enable High 00 0 ns tEHEL tCPH Memory Block Enable High to Memory Block Enable Low 30 30 35 ns tAVEL tAS Address Valid to Memory Block Enable Low 00 0 ns tELAX tAH Memory Block Enable Low to Address Transition 50 50 65 ns tGHEL Output Enable High to Memory Block Enable Low 00 0 ns tVCHWL tVCS VCC High to Write Enable Low 50 50 50 µs tEHQV1 (1) Memory Block Enable High to Output Valid (Program) 88 8 µs tEHQV2 (1) Memory Block Enable High to Output Valid (Sector Erase) 0.5 30 0.5 30 0.5 30 sec tEHGL tOEH Memory Block Enable High to Output Enable Low 00 0 ns Notes: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV. Table 15. Write AC Characteristics, EE or EF Controlled (TA = 0 to 70 °C or –20 to 85°C or –40 to 85°C; VCC = 2.7 V to 3.6V) 22/30 M39208 |