전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M39208NA 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 M39208NA
상세설명  Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39208NA 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button M39208NA Datasheet HTML 22Page - STMicroelectronics M39208NA Datasheet HTML 23Page - STMicroelectronics M39208NA Datasheet HTML 24Page - STMicroelectronics M39208NA Datasheet HTML 25Page - STMicroelectronics M39208NA Datasheet HTML 26Page - STMicroelectronics M39208NA Datasheet HTML 27Page - STMicroelectronics M39208NA Datasheet HTML 28Page - STMicroelectronics M39208NA Datasheet HTML 29Page - STMicroelectronics M39208NA Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ORDERING INFORMATION SCHEME
Devices are shipped from the factory with the memory content set at all "1’s" (FFh).
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Speed
-10 100ns
-12 120ns
-15 150ns
Operating Voltage
W
2.7V to 3.6V
Package
NA TSOP32
8 x 20mm
NB
TSOP32
8 x 14mm
Temp. Range
1
0 to 70
°C
5
–20 to 85
°C
6
–40 to 85
°C
Option
T
Tape & Reel
Packing
Example:
M39208
-15 W
NA
1
T
27/30
M39208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30