| 전자부품 데이터시트 검색엔진 |
|
M39208NA 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M39208NA 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 30 page ![]() TSOP-a D1 E 1 N CP B e A2 A N/2 D DIE C L A1 α Symb mm inches Typ Min Max Typ Min Max A 1.20 0.047 A1 0.05 0.15 0.002 0.006 A2 0.95 1.05 0.037 0.041 B 0.17 0.27 0.007 0.011 C 0.10 0.21 0.004 0.008 D 13.80 14.20 0.543 0.559 D1 12.30 12.50 0.484 0.492 E 7.90 8.10 0.311 0.319 e 0.50 - - 0.020 - - L 0.50 0.70 0.020 0.028 α 0 ° 5 ° 0 ° 5 ° N32 32 CP 0.10 0.004 Drawing is not to scale. TSOP32 - 32 lead Plastic Thin Small Outline, 8 x 14mm 28/30 M39208 |