전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST508 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SST508
상세설명  Current Regulator Diodes-POV(min) 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST508 데이터시트(HTML) 2 Page - Vishay Siliconix

  SST508 Datasheet HTML 1Page - Vishay Siliconix SST508 Datasheet HTML 2Page - Vishay Siliconix SST508 Datasheet HTML 3Page - Vishay Siliconix SST508 Datasheet HTML 4Page - Vishay Siliconix SST508 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SST502 Series
Vishay Siliconix
www.vishay.com
3-2
Document Number: 70711
S-04234—Rev. C, 02-Jul-01
ABSOLUTE MAXIMUM RATINGS
Peak Operating Voltage
45 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS (TA = 25_C) UNLESS OTHERWISE NOTED
Limits
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Peak Operating Voltageb
POV
IF = 1.1 IF(max)
45
55
Reverse Voltage
VR
IR = 1 mA
0.8
V
Capacitance
CF
VF = 25 V, f = 1 MHz
1.5
pF
Regulator Currentc
(IF)
Dynamic Impedanced
(Zd)
Knee
Impedance
(Zk)
Limiting
Voltagee
(VL)
Temperature
Coefficient
(
q1)
VF = 25 V
VF = 25 V
VF = 6 V
IF = 0.8 IF(min)
VF = 25 V
0
_C v TA v 100_C
mA
M
W
M
W
V
%/
_C
Part Number
Min
Nom
Max
Min
Typa
Typa
Max
Typa
Typa
SST502
0.344
0.43
0.516
1.0
2.7
0.7
1.5
0.6
–0.08
SST503
0.448
0.56
0.672
0.7
2.0
0.5
1.7
0.7
–0.12
SST504
0.600
0.75
0.900
0.5
1.5
0.4
1.9
0.8
–0.16
SST505
0.800
1.00
1.200
0.4
1.0
0.3
2.1
0.9
–0.20
SST506
1.120
1.40
1.680
0.3
0.8
0.2
2.5
1.1
–0.24
SST507
1.440
1.80
2.160
0.2
0.6
0.12
2.8
1.3
–0.28
SST508
1.900
2.40
2.900
0.1
0.4
0.08
3.1
1.5
–0.31
SST509
2.400
3.00
3.600
0.09
0.3
0.06
3.5
1.7
–0.34
SST510
2.900
3.60
4.300
0.08
0.3
0.04
3.9
1.9
–0.37
SST511
3.800
4.70
5.600
0.07
0.2
0.03
4.2
2.1
–0.40
Notes:
NPA
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
b.
Max VF where IF = 1.1 IF(max) is guaranteed.
c.
Pulse test—steady state currents may vary.
d.
Pulse test—steady state impedances may vary.
e.
Min VF required to insure IF = 0.8 IF(min).



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com