전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST508 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SST508
상세설명  Current Regulator Diodes-POV(min) 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST508 데이터시트(HTML) 4 Page - Vishay Siliconix

  SST508 Datasheet HTML 1Page - Vishay Siliconix SST508 Datasheet HTML 2Page - Vishay Siliconix SST508 Datasheet HTML 3Page - Vishay Siliconix SST508 Datasheet HTML 4Page - Vishay Siliconix SST508 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SST502 Series
Vishay Siliconix
www.vishay.com
3-4
Document Number: 70711
S-04234—Rev. C, 02-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Temperature Coefficient vs. Regulator Current
On-Resistance vs. Regulator Current
Capacitance vs. Forward Voltage
0.1
1
10
0.5
–0.5
0
TJ = 0 to 100_C
VF = 25 V
2
01
5
1
0
IF (mA)
IF (mA)
I = 0.1 IF
VF = 25 V
10
050
5
0
VF (V)
f = 1 MHz
10
20
30
40
234
CURRENT REGULATOR DIODE V 1 CHARACTERISTIC
Zk
VL
IF
POV
VR
VR
VF
IF
IR
rDS



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com