전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST508 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SST508
상세설명  Current Regulator Diodes-POV(min) 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST508 데이터시트(HTML) 3 Page - Vishay Siliconix

  SST508 Datasheet HTML 1Page - Vishay Siliconix SST508 Datasheet HTML 2Page - Vishay Siliconix SST508 Datasheet HTML 3Page - Vishay Siliconix SST508 Datasheet HTML 4Page - Vishay Siliconix SST508 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SST502 Series
Vishay Siliconix
Document Number: 70711
S-04234—Rev. C, 02-Jul-01
www.vishay.com
3-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
–0.00
012345
Output Current vs. Forward Voltage
Dynamic Impedance vs. Regulator Current
Limiting Voltage @ 0.8 IF vs. Regulator Current
Temperature Coefficient
Knee Impedance vs. Regulator Current
5
4
3
0
010
50
2
1
20
30
40
(V)
F
V
10
1
0.1
0.01
0.1
1
10
VF = 6 V
IF (mA)
100
10
1
0.1
0.1
1
10
VF = 25 V
IF (mA)
0.1
1
10
10
1
0.1
VF = 25 V
IF (mA)
Output Current vs. Forward Voltage
5
4
3
0
01
5
2
1
23
4
SST502
SST505
SST508
SST510
(V)
F
V
SST511
SST510
SST508
SST505
SST502
SST511
IF (mA)



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com