전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBKIT8C 데이터시트(PDF) 4 Page - ABB

부품명 EBKIT8C
상세설명  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

EBKIT8C 데이터시트(HTML) 4 Page - ABB

  EBKIT8C Datasheet HTML 1Page - ABB EBKIT8C Datasheet HTML 2Page - ABB EBKIT8C Datasheet HTML 3Page - ABB EBKIT8C Datasheet HTML 4Page - ABB EBKIT8C Datasheet HTML 5Page - ABB EBKIT8C Datasheet HTML 6Page - ABB EBKIT8C Datasheet HTML 7Page - ABB EBKIT8C Datasheet HTML 8Page - ABB EBKIT8C Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
31 distribution ABB Low Voltage Contractor 0312
2
Protecta - Type B Distribution Boards
Outgoing MCBs
B
S201M
S202M
S203M
S200M Series Type B - MCBs - BS EN 60898 10kA (BS EN60947-2 15kA<50A)
Suitable for cable protection and small inrush or switching surges, heating loads and tungsten lighting
Single Pole
Product Hierarchy 2400004
Rating
Amps
kA
Part No
Order Code
Price £
6
10kA
S201MB6
2CDS271001R0065
10.94
10
10kA
S201MB10
2CDS271001R0105
10.04
16
10kA
S201MB16
2CDS271001R0165
10.04
20
10kA
S201MB20
2CDS271001R0205
10.04
25
10kA
S201MB25
2CDS271001R0255
10.04
32
10kA
S201MB32
2CDS271001R0325
10.04
40
10kA
S201MB40
2CDS271001R0405
10.94
50
10kA
S201MB50
2CDS271001R0505
11.51
63
10kA
S201MB63
2CDS271001R0635
11.64
Double Pole
6
10kA
S202MB6
2CDS272001R0065
31.41
10
10kA
S202MB10
2CDS272001R0105
28.85
13
10kA
S202MB13
2CDS272001R0135
28.85
16
10kA
S202MB16
2CDS272001R0165
28.85
20
10kA
S202MB20
2CDS272001R0205
28.85
25
10kA
S202MB25
2CDS272001R0255
28.85
32
10kA
S202MB32
2CDS272001R0325
28.85
40
10kA
S202MB40
2CDS272001R0405
31.48
50
10kA
S202MB50
2CDS272001R0505
33.00
63
10kA
S202MB63
2CDS272001R0635
33.28
Triple Pole
6
10kA
S203MB6
2CDS273001R0065
46.64
10
10kA
S203MB10
2CDS273001R0105
43.74
16
10kA
S203MB16
2CDS273001R0165
43.74
20
10kA
S203MB20
2CDS273001R0205
43.74
25
10kA
S203MB25
2CDS273001R0255
43.74
32
10kA
S203MB32
2CDS273001R0325
43.74
40
10kA
S203MB40
2CDS273001R0405
46.64
50
10kA
S203MB50
2CDS273001R0505
48.97
63
10kA
S203MB63
2CDS273001R0635
49.45



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com