전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBKIT8C 데이터시트(PDF) 5 Page - ABB

부품명 EBKIT8C
상세설명  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

EBKIT8C 데이터시트(HTML) 5 Page - ABB

  EBKIT8C Datasheet HTML 1Page - ABB EBKIT8C Datasheet HTML 2Page - ABB EBKIT8C Datasheet HTML 3Page - ABB EBKIT8C Datasheet HTML 4Page - ABB EBKIT8C Datasheet HTML 5Page - ABB EBKIT8C Datasheet HTML 6Page - ABB EBKIT8C Datasheet HTML 7Page - ABB EBKIT8C Datasheet HTML 8Page - ABB EBKIT8C Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
32 distribution ABB Low Voltage Contractor 0312
2
C
S201M
S202M
S200M Series Type C - MCBs - BS EN 60898 10kA (BS EN60947-2 15kA<50A)
Suitable for cable protection and moderate switching surges for short duration. eg. discharge lamps.
Single Pole
Product Hierarchy 2400004
Rating
Amps
kA
Part No
Order Code
Price £
0.5
10kA
S201MC0.5
2CDS271001R0984
11.64
1
10kA
S201MC1
2CDS271001R0014
11.64
2
10kA
S201MC2
2CDS271001R0024
11.51
3
10kA
S201MC3
2CDS271001R0034
11.51
4
10kA
S201MC4
2CDS271001R0044
11.27
6
10kA
S201MC6
2CDS271001R0064
10.94
8
10kA
S201MC8
2CDS271001R0084
10.94
10
10kA
S201MC10
2CDS271001R0104
10.04
13
10kA
S201MC13
2CDS271001R0134
10.04
16
10kA
S201MC16
2CDS271001R0164
10.04
20
10kA
S201MC20
2CDS271001R0204
10.04
25
10kA
S201MC25
2CDS271001R0254
10.04
32
10kA
S201MC32
2CDS271001R0324
10.04
40
10kA
S201MC40
2CDS271001R0404
10.94
50
10kA
S201MC50
2CDS271001R0504
11.51
63
10kA
S201MC63
2CDS271001R0634
11.64
Double Pole
0.5
10kA
S202MC0.5
2CDS272001R0984
33.28
1
10kA
S202MC1
2CDS272001R0014
33.28
2
10kA
S202MC2
2CDS272001R0024
33.00
3
10kA
S202MC3
2CDS272001R0034
33.00
6
10kA
S202MC6
2CDS272001R0064
31.41
8
10kA
S202MC8
2CDS272001R0084
28.85
10
10kA
S202MC10
2CDS272001R0104
28.85
16
10kA
S202MC16
2CDS272001R0164
28.85
20
10kA
S202MC20
2CDS272001R0204
28.85
25
10kA
S202MC25
2CDS272001R0254
28.85
32
10kA
S202MC32
2CDS272001R0324
28.85
40
10kA
S202MC40
2CDS272001R0404
31.48
50
10kA
S202MC50
2CDS272001R0504
33.00
63
10kA
S202MC63
2CDS272001R0634
33.28
Protecta - Type B Distribution Boards
Outgoing MCBs



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com