전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBKIT8C 데이터시트(PDF) 8 Page - ABB

부품명 EBKIT8C
상세설명  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

EBKIT8C 데이터시트(HTML) 8 Page - ABB

Back Button EBKIT8C Datasheet HTML 2Page - ABB EBKIT8C Datasheet HTML 3Page - ABB EBKIT8C Datasheet HTML 4Page - ABB EBKIT8C Datasheet HTML 5Page - ABB EBKIT8C Datasheet HTML 6Page - ABB EBKIT8C Datasheet HTML 7Page - ABB EBKIT8C Datasheet HTML 8Page - ABB EBKIT8C Datasheet HTML 9Page - ABB EBKIT8C Datasheet HTML 10Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
35 distribution ABB Low Voltage Contractor 0312
2
D
S200 Series Type D - MCBs - single pole - BS EN 60898 6kA
Suitable for cable protection and high inrush applications such as transformers
Triple Pole
Product Hierarchy 2400004
Rating
Amps
kA
Part No
Order Code
Price £
1
6kA
S203D1
2CDS253001R0011
52.95
2
6kA
S203D2
2CDS253001R0021
52.48
3
6kA
S203D3
2CDS253001R0031
52.48
4
6kA
S203D4
2CDS253001R0041
51.48
6
6kA
S203D6
2CDS253001R0061
49.96
10
6kA
S203D10
2CDS253001R0101
46.84
16
6kA
S203D16
2CDS253001R0161
46.84
20
6kA
S203D20
2CDS253001R0201
46.84
25
6kA
S203D25
2CDS253001R0251
46.84
32
6kA
S203D32
2CDS253001R0321
46.84
40
6kA
S203D40
2CDS253001R0401
49.96
50
6kA
S203D50
2CDS253001R0501
52.48
63
6kA
S203D63
2CDS253001R0631
52.95
S203M
DS271AC-C10/0.03
Type B
Product Hierarchy 2500002
Rating
Amps
kA
Sensitivity
Part No
Order Code
Price £
6
10
30mA
DS271AC-B6/0.03
2CSR175092R1065
69.13
10
10
30mA
DS271AC-B10/0.03
2CSR175092R1105
69.13
16
10
30mA
DS271AC-B16/0.03
2CSR175092R1165
69.13
20
10
30mA
DS271AC-B20/0.03
2CSR175092R1205
69.13
25
10
30mA
DS271AC-B25/0.03
2CSR175092R1255
69.13
32
10
30mA
DS271AC-B32/0.03
2CSR175092R1325
69.13
Type C
6
10
30mA
DS271AC-C6/0.03
2CSR175092R1064
69.13
10
10
30mA
DS271AC-C10/0.03
2CSR175092R1104
69.13
16
10
30mA
DS271AC-C16/0.03
2CSR175092R1164
69.13
20
10
30mA
DS271AC-C20/0.03
2CSR175092R1204
69.13
25
10
30mA
DS271AC-C25/0.03
2CSR175092R1254
69.13
32
10
30mA
DS271AC-C32/0.03
2CSR175092R1324
69.13
40
10
30mA
DS271AC-C40/0.03
2CSR175092R1404
69.13
Type B - Suitable for small inrush or switching surges, heating loads and tungsten lighting
Type C - Suitable for moderate switching surges for sort duration. eg. discharge lamps.
Supplied with 800mm flying neutral and functional earth leads.
RCBO single pole, solid neutral to BS EN 61009
Protecta - Type B Distribution Boards
Outgoing MCBs



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com