| 전자부품 데이터시트 검색엔진 |
|
AS7058 데이터시트(PDF) 40 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 데이터시트(HTML) 40 Page - ams-OSRAM AG |
|
40 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 40 / 199 / Once all four pre-measurements are done the offset current is adjusted correctly to avoid saturation of the ADC due to ambient light. The upper 4 bits of IOS_PPGx_SUBx registers are determined automatically with the first four samplings, the lower 4 bits correspond to the programmable bits. The FIFO stores the AAOC data and the ADC results to simplify signal reconstruction for algorithm developers. The programmed current values for the LEDs are used for all five measurements. The assignment of the photodiodes is also fixed for all 5 measurements. Figure 34: AAOC – simplified timing diagram PPG Sequencer PPG Sample PPG Sample PPG Sample PPG Sample Period PPG Sample Period t Subsample 1 Subsample 2 Subsample 3 Subsample 4 Subsample 5 Subsample 6 Subsample 7 Subsample 8 PPG Sub-Samples Photodiode ENABLE LED ENABLE LED ON LED ON LED ON LED ON LED ON SAR Algorithm Active SAR STATUS ADC DATA SAR DATA PD Offset Register PPG Measurement DATA fixed PD Offset SAR DATA SAR DATA SAR DATA REG update by SAR algo. REG update by SAR algo. REG update by SAR algo. REG update by SAR algo. AAOC PPG Measurement |