| 전자부품 데이터시트 검색엔진 |
|
AS7058 데이터시트(PDF) 77 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 데이터시트(HTML) 77 Page - ams-OSRAM AG |
|
77 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 77 / 199 / Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> 0xcb FIFO_CTRL fifo_clea r seq_syn c_en sinc_ran dext_en sar_da ta_en fifo_thresh old[8] MISCELLANEOUS 0xeb PRODUCT_ID otp_part_id 0xec SILICON_ID silicon_id 0xee GPIO_CTRL gpio_in gpio_out 0xef CHIP_CTRL wd_res et chip_reset 0xf0 SEQ_START start_seq 0xf1 STATUS_CGB pll_loc k clk_pll_ok 0xf2 STATUS_SEQ seq_e nd seq_error 0xf3 STATUS_LED led_lowvds 0xf4 STATUS_ASATA mod1_asat mod2_asat 0xf5 STATUS_ASATB mod3_asat 0xf6 STATUS_VCSEL led_wd vcsel_vs s vcsel_vd d vcsel_wd 0xf7 STATUS_VCSEL_VSS vcsel_short_vss 0xf8 STATUS_VCSEL_VDD vcsel_short_vdd 0xf9 STATUS_LEADOFF leadoff leadoff _on leadoff_off 0xfa STATUS irq_iir_o verflow irq_lead off irq_vcsel irq_asat irq_led_l owvds irq_fifoo verflow irq_fifo thresh old irq_seque ncer 0xfb FIFO_LEVEL0 fifo_level[7:0] 0xfc FIFO_LEVEL1 fifo_over flow fifo_level[9:8] 0xfd FIFOL fifol 0xfe FIFOM fifom 0xff FIFOH fifoh |