전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 284 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 284 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 280Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 281Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 282Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 283Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 284Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 285Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 286Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 287Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 295 page
background image
Appendix 3.
I/O Registers
This appendix describes I/O register address and access cycles by function.
3.1
Peripheral Base Addresses
This section provides the base addresses for peripherals described in this manual. Table A3.1 shows the name, description,
and the base address of each peripheral.
Table A3.1
Peripheral base address (1 of 4)
Description
Name of secure registers
Base address of
secure registers
in secure alias
region
Name of non-secure
registers
Base address
of non-secure
registers in non-
secure alias
region
Renesas Memory Protection Unit
RMPU
0x4000_0000
RMPU_NS
0x5000_0000
SRAM Control
SRAM
0x4000_2000
SRAM_NS
0x5000_2000
BUS Control
BUS
0x4000_3000
BUS_NS
0x5000_3000
Common Interrupt Controller
ICU_COMMON
0x4000_6000
ICU_COMMON_NS
0x5000_6000
CPU System Security Control Unit
CPSCU
0x4000_8000
CPSCU_NS
0x5000_8000
Direct Memory Access Controller 00
DMAC00
0x4000_A000
DMAC00_NS
0x5000_A000
Direct Memory Access Controller 01
DMAC01
0x4000_A040
DMAC01_NS
0x5000_A040
Direct Memory Access Controller 02
DMAC02
0x4000_A080
DMAC02_NS
0x5000_A080
Direct Memory Access Controller 03
DMAC03
0x4000_A0C0
DMAC03_NS
0x5000_A0C0
Direct Memory Access Controller 04
DMAC04
0x4000_A100
DMAC04_NS
0x5000_A100
Direct Memory Access Controller 05
DMAC05
0x4000_A140
DMAC05_NS
0x5000_A140
Direct Memory Access Controller 06
DMAC06
0x4000_A180
DMAC06_NS
0x5000_A180
Direct Memory Access Controller 07
DMAC07
0x4000_A1C0
DMAC07_NS
0x5000_A1C0
DMAC Module Activation 0
DMA0
0x4000_A800
DMA0_NS
0x5000_A800
Data Transfer Controller 0
DTC0
0x4000_AC00
DTC0_NS
0x5000_AC00
Interrupt Controller
ICU
0x4000_C000
ICU_NS
0x5000_C000
CPU Control Registers
CPU_CTRL
0x4000_F000
CPU_CTRL_NS
0x5000_F000
On-Chip Debug
CPU_OCD
0x4001_1000
CPU_OCD_NS
0x5001_1000
Debug Function
CPU_DBG
0x4001_B000
CPU_DBG_NS
0x5001_B000
CACHE
CACHE
0x4001_C000
CACHE_NS
0x5001_C000
TCM
TCM
0x4001_C800
TCM_NS
0x5001_C800
System Control
SYSC
0x4001_E000
SYSC_NS
0x5001_E000
Inter-Processor Communication
IPC
0x4002_0000
IPC_NS
0x5002_0000
Temperature Sensor Data
TSD
0x02C1_EDA0
TSD_NS
0x12C1_EDA0
MRAM System Register area
MRAM
0x4013_C000
MRAM_NS
0x5013_C000
Event Link Controller
ELC
0x4020_1000
ELC_NS
0x5020_1000
Realtime Clock
RTC
0x4020_2000
RTC_NS
0x5020_2000
Independent Watchdog Timer
IWDT
0x4020_2200
IWDT_NS
0x5020_2200
Clock Frequency Accuracy
Measurement Circuit
CAC
0x4020_2400
CAC_NS
0x5020_2400
Watchdog Timer 0
WDT0
0x4020_2600
WDT0_NS
0x5020_2600
Watchdog Timer 1
WDT1
0x4020_2700
WDT1_NS
0x5020_2700
Module Stop Control A, B, C, D, E
MSTP
0x4020_3000
MSTP_NS
0x5020_3000
RA8M2 Datasheet
Appendix 3. I/O Registers
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 284 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com