전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 288 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 288 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 284Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 285Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 286Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 287Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 288Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 289Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 290Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 291Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 295 page
background image
Table A3.2
Access cycles (1 of 3)
Peripheral base
address symbol
Address*1
Number of access cycles
ICLK = PCLK
ICLK > PCLK*2
Cycle
unit
Related function
From
To
Read
Write
Read
Write
RMPU,
SRAM, BUS,
ICU_COMMON,
CPSCU,
DMAC0n, DMA0,
DTC0, ICU,
CPU_CTRL,
CPU_OCD,
CPU_DBG
0x4000_0000
0x4001_BFFF 3
2
3
2
ICLK
Renesas Memory
Protection Unit,
SRAM Control, BUS
Control, Common
Interrupt Controller,
CPU System Security
Control Unit, Direct
memory access
controller 0 n, DMAC
Module Activation
0, Data Transfer
Controller 0, Interrupt
Controller, CPU
Control Registers, On-
Chip Debug, Debug
Function
CACHE, TCM
0x4001_C000 0x4001_CFFF 5
4
5
4
ICLK
CM33 Cache, CM33
Tightly Coupled
Memory
SYSC
0x4001_E000
0x4001_E9FF 4
3
2 to 4
1 to 3
PCLKB
System Control
SYSC
0x4001_EA00 0x4001_ED7F 7
6
5 to 7
4 to 6
PCLKB
System Control
IPC
0x4002_0000
0x4002_FFFF 3
2
3
2
ICLK
Inter-Processor
Communication
ELC, RTC
0x4020_1000
0x4020_21FF
4
3
2 to 4
1 to 3
PCLKB
Event Link Controller,
Realtime Clock
IWDT
0x4020_2200
0x4020_22FF
4
65
2 to 4
63 to 65
PCLKB
Independent
Watchdog Timer
CAC, WDTn,
MSTP, PSCU,
POEG
0x4020_2400
0x4021_2FFF 4
3
2 to 4
1 to 3
PCLKB
Clock Frequency
Accuracy
Measurement Circuit,
Watchdog Timer n,
Module Stop Control,
Peripheral Security
Control Unit, Port
Output Enable Module
for GPT
ULPTn
0x4022_0000
0x4022_01FF
6
65
4 to 6
63 to 65
PCLKB
Ultra-Low Power Timer
n
AGTn
0x4022_1000
0x4022_11FF
6
3
4 to 6
1 to 3
PCLKB
Low Power
Asynchronous General
purpose Timer n
DAC12n, TSN
0x4023_3000
0x4023_5FFF 4
3
2 to 4
1 to 3
PCLKB
12-bit D/A Converter
n, Temperature Sensor
ACMPHSn
0x4023_6000
0x4023_63FF
3
3
1 to 3
1 to 3
PCLKB
High-Speed Analog
Comparator n
USBFS
0x4025_0000
0x4025_03FF
5
4
3 to 5
2 to 4
PCLKB
USB 2.0 FS Module
USBFS
0x4025_0400
0x4025_04FF
4
65
2 to 4
63 to 65
PCLKB
USB 2.0 FS Module
SDHIn, PDMIF,
SSIEn, IICn,
OSPIn, DOTFn
0x4025_2000
0x4026_89FF
4
3
2 to 4
1 to 3
PCLKB
SD Host Interface
n, Pulse Density
Modulation Interface,
Serial Sound Interface
Enhanced n, Inter-
Integrated Circuit n,
Octal Serial Peripheral
Interface n, Decryption
On-The-Fly n
RA8M2 Datasheet
Appendix 3. I/O Registers
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 288 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com