전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 247 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 247 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 243Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 244Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 245Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 246Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 247Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 248Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 249Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 295 page
background image
Table 2.96
A/D conversion characteristics (SAR mode : External VDD mode) (2 of 4)
Conditions: AVCC: 1.62 to 2.7 V, VCC: 1.62 to 2.7 V, VREFH0/VREFH: 1.62 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
SAR
mode
Single-ended
input
Normal mode
Middle-speed channels
(AN012 to AN015)
Conversion
time*1
0.76
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 28 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±1.5
±6.5
LSB
—
Full-scale
error
—
±1.5
±6.5
LSB
—
Absolute
accuracy
—
±4
±11
LSB
—
DNL
differential
nonlinearity
error *2
—
±1
-1 to
+1.5
LSB
—
INL integral
nonlinearity
error
—
±2
±3
LSB
—
Low-speed channels (AN016
to AN022)
Conversion
time*1
1
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 40 ADCLK
● Successive approximation time:
10 ADCLK
●
Signal source impedance: 50 Ω
or less
Offset error
—
±1.5
±6.5
LSB
—
Full-scale
error
—
±1.5
±6.5
LSB
—
Absolute
accuracy
—
±5.5
±11
LSB
—
DNL
differential
nonlinearity
error *2
—
±1
-1 to
+1.5
LSB
—
INL integral
nonlinearity
error
—
±2
±4
LSB
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 247 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com