전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 249 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 249 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 245Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 246Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 247Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 248Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 249Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 251Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 295 page
background image
Table 2.96
A/D conversion characteristics (SAR mode : External VDD mode) (4 of 4)
Conditions: AVCC: 1.62 to 2.7 V, VCC: 1.62 to 2.7 V, VREFH0/VREFH: 1.62 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
SAR
mode
Differential
input
High
accuracy
mode
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
Without
channel
dedicated
sample and
hold circuits
Conversion
time*1
1
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 40 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±1
±2.5
LSB
—
Full-scale
error
—
±1
±2.5
LSB
—
Absolute
accuracy
—
±3.5
±4.5
LSB
—
DNL
differential
nonlinearity
error *2
—
±0.75 ±1
LSB
—
INL integral
nonlinearity
error
—
±1.5
±2
LSB
—
Note:
These specification values are applicable when only one ADC16H is operating, DAC12 and ACMPHS are not operating, and there
is no access to the external bus during A/D conversion.
If other ADC unit, DAC12, or ACMPHS is operating or bus access occurs during A/D conversion, values might not fall within the
indicated ranges.
The use of ports 0 as digital outputs is not allowed when the ADC16H is used.
The characteristics apply when AVCC0, AVSS0, VREFH0, VREFH, VREFL0, VREFL, and ADC16H input voltage is stable.
Note 1. Without channel dedicated sample and hold circuits; The conversion time is the sum of the sampling time and the successive
approximation time. Each of the above state is indicated for the test conditions.
Note 2. DNL is measured using the Histogram Method, so the lower limit value is -1.
Table 2.97
A/D conversion characteristics (Oversampling mode and Hybrid mode) (1)
Parameter
Min Typ
Max Unit
Test conditions
Oversampling mode
and Hybrid mode
Resolution
—
—
16
bit
—
Oversampling period
Oversampling mode
0.16 —
—
µs
● ADCLK: 50 MHz
● Sampling time: 3 ADCLK
● Successive approximation
time: 5 ADCLK
● Without disconnection
detection assist function
● Signal source impedance: 50
Ω or less
Hybrid mode*2
0.18 —
—
µs
● ADCLK: 50 MHz
● Sampling time: 8 ADCLK
● Successive approximation
time: 5 ADCLK
● Without disconnection
detection assist function
● Signal source impedance: 50
Ω or less
Digital filter
characteristics*1
Sinc filter Initial delay
—
22
—
/Fos
—
Group delay —
11
—
—
Normalized
Cutoff
Frequency
—
0.033 —
Fin/Fos —
Note:
Fos is oversampling frequency.
When in Hybrid mode, Fos is 1/ (the sum of the oversampling periods of each analog channel assigned to the scan group).
Note 1. See Figure 2.135.
Note 2. Value per channel.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 249 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com