전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 253 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 253 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 249Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 251Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 253Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 254Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 255Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 256Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 295 page
background image
Note 3. This value is based on a 12-bit resolution.
Table 2.101
A/D conversion characteristics (Oversampling mode)
Conditions: AVCC: 1.62 to 2.7 V, VCC: 1.62 to 2.7 V, VREFH0/VREFH: 1.62 V to AVCC
Parameter
Min Typ
Max
Unit Test conditions
Oversampling
mode
Single-ended
input
High-speed
channels
(AN000 to
AN005) (AN006
to AN011)
Offset error *3
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 22 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error
(Single/
Continuous
mode) *3
—
±1
±4
LSB
Gain error
(One-channel
continuous
mode) *3
—
±1
±5
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to +2 -1 to
+2.5
LSB
INL integral
nonlinearity
error*1
—
±4
±8
LSB
Middle-speed
channels
(AN012 to
AN015)
Offset error *3
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 28 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error *3
—
±1
±4
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to +2 -1 to
+4
LSB
INL integral
nonlinearity
error*1
—
±4
±8
LSB
Low-speed
channels
(AN016 to
AN022)
Offset error *3
—
±0.5
±4
LSB
● ADCLK: 50 MHz
● Sampling time: 40 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error *3
—
±1
±4
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to +2 -1 to
+4
LSB
INL integral
nonlinearity
error*1
—
±4
±12
LSB
Differential
input
High-speed
channels
(AN000 to
AN005) (AN006
to AN011)
Offset error *3
—
±0.25
±2
LSB
● ADCLK: 50 MHz
● Sampling time: 22 ADCLK
● Successive approximation time:
10 ADCLK
● Signal source impedance: 50 Ω
or less
● Digital filter: Sinc filter
Gain error
(Single/
Continuous
mode) *3
—
±0.5
±2
LSB
Gain error
(One-channel
continuous
mode) *3
—
±0.5
±2.5
LSB
DNL differential
nonlinearity
error*1 *2
—
-1 to +2 -1 to
+2.5
LSB
INL integral
nonlinearity
error*1
—
±3
±6
LSB
Note:
These specification values are applicable when only one ADC16H is operating, DAC12 and ACMPHS are not operating, and there
is no access to the external bus during A/D conversion.
If other ADC unit, DAC12, or ACMPHS is operating or bus access occurs during A/D conversion, values might not fall within the
indicated ranges.
The use of ports 0 as digital outputs is not allowed when the ADC16H is used.
The characteristics apply when AVCC0, AVSS0, VREFH0, VREFH, VREFL0, VREFL, and ADC16H input voltage is stable.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 253 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com