전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 271 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 271 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 270Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 271Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 272Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 273Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 274Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 295 page
background image
VCC
RES
Boundary scan
execute
tBSSTUP
(=
tRESWP)
Figure 2.152
Boundary scan circuit startup timing
2.17
Joint European Test Action Group (JTAG)
Table 2.124
JTAG (1 of 2)
Parameter
VCC
Symbol
Min
Typ
Max
Unit
Test conditions
TCK clock cycle time
2.7 V or
above
tTCKcyc
40.0
—
—
ns
Figure 2.153
1.62 V or
above
40.0
—
—
ns
TCK clock high pulse width
2.7 V or
above
tTCKH
0.375
—
—
tTCKcyc
1.62 V or
above
0.375
—
—
tTCKcyc
TCK clock low pulse width
2.7 V or
above
tTCKL
0.375
—
—
tTCKcyc
1.62 V or
above
0.375
—
—
tTCKcyc
TCK clock rise time
2.7 V or
above
tTCKr
—
—
0.125*1
tTCKcyc
1.62 V or
above
—
—
0.125*1
tTCKcyc
TCK clock fall time
2.7 V or
above
tTCKf
—
—
0.125*1
tTCKcyc
1.62 V or
above
—
—
0.125*1
tTCKcyc
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 271 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com