전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 268 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 268 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 270Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 271Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 295 page
background image
2.15.4
Option Setting Memory (OTP area without ECC) Characteristics
Table 2.119
Option Setting Memory (OTP area without ECC) Characteristics
Parameter
MRPCLK = 125
MHz
MRPCLK = 100
MHz
MRPCLK = 75
MHz
MRPCLK = 66
MHz
Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max
Programming
time of 16-
byte*3 *4
Normal
speed
write
mode
(MWMCR.
MWM[1:0]
= 00)
tOTP
ENE
—
14.1
*2
200 —
14.1
*2
200 —
14.1
*2
200 —
14.1
*2
200 ms
—
High
speed
write
mode 0
(MWMCR.
MWM[1:0]
= 01)
—
7.07
*2
100 —
7.07
*2
100 —
7.07
*2
100 —
7.07
*2
100 ms
—
High
speed
write
mode 1
(MWMCR.
MWM[1:0]
= 10)
—
0.45
8*2
6.28 —
0.45
8*2
6.28 —
0.45
8*2
6.28 —
0.45
8*2
6.28 ms
—
Note 1. The reference value at VCC = 3.3 V and room temperature.
Note 2. Perform rewrite 50% of bits at Typ. condition.
Note 3. To calculate the updating time at other frequencies, using approximate formula below listed. (FMRPCLK: frequency of MRPCLK
[MHz])
tOTPENE (Typ) = 0.8486/FMRPCLK + 14.25 [ms], tOTPENE (Max) = 7.711/FMRPCLK + 201.5 [ms] for normal speed mode.
tOTPENE (Typ) = 0.5479/FMRPCLK + 7.133 [ms], tOTPENE (Max) = 4.148/FMRPCLK + 100.8 [ms] for high speed mode 0.
tOTPENE (Typ) = 0.2571/FMRPCLK + 0.4627 [ms], tOTPENE (Max) = 0.7401/FMRPCLK + 6.333 [ms] for high speed mode 1.
Note 4. Read and program operations for the extra MRAM cannot be executed simultaneously. This value is for independent program
operation without arbitration between read and program.
2.15.5
MACI Command Characteristics
Table 2.120
MACI command Characteristics
Parameter
MRPCLK = 125
MHz
MRPCLK = 100
MHz
MRPCLK = 75
MHz
MRPCLK = 66
MHz
Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max Min
Typ
*1
Max
Command time for forced
stop command*2
tFS
—
—
3.35 —
—
3.38 —
—
3.47 —
—
3.7
µs
—
Command time for
increment counter*2
tINC
C
—
0.25
2
1.61 —
0.25
2
1.61 —
0.25
2
1.61 —
0.25
2
1.61 ms
—
Command time for read
counter*2
tRD
C
—
—
0.15
6
—
—
0.18
2
—
—
0.24
3
—
—
0.27
6
µs
—
Note 1. The reference value at VCC = 3.3 V and room temperature.
Note 2. To calculate the updating time at other frequencies, using approximate formula below listed. (FMRPCLK: frequency of MRPCLK
[MHz])
tFS (Max) = 38.62/FMRPCLK + 3.155 [us]
tINCC (Typ) = 0.3348/FMRPCLK + 0.2533 [msec], tINCC (Max) = 0.8698/FMRPCLK + 1.62 [msec]
tRDC (Max) = 19.13/FMRPCLK + 0.004099 [usec]
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 268 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com