전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAM 데이터시트(PDF) 250 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAM
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM 데이터시트(HTML) 250 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 246Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 247Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 248Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 249Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 250Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 251Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 253Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 295 page
background image
X軸
Y軸
0.000
0.00
0.000
0.00
0.001
0.00
0.001
-0.01
英⽂
0.002
-0.01
0.002
-0.02
0.003
-0.02
0.003
-0.03
0.004
-0.04
0.004
-0.05
0.005
-0.06
0.005
-0.08
0.006
-0.09
0.006
-0.11
0.007
-0.13
0.007
-0.15
0.008
-0.17
0.008
-0.19
0.009
-0.21
0.009
-0.23
0.010
-0.26
0.010
-0.28
0.011
-0.31
0.011
-0.34
0.012
-0.37
0.012
-0.40
0.013
-0.44
0.013
-0.47
0.014
-0.51
0.014
-0.54
0.015
-0.58
0.015
-0.62
0.016
-0.66
0.016
-0.71
0.017
-0.75
0.017
-0.79
0.018
-0.84
0.018
-0.89
0.019
-0.94
0.019
-0.99
0.020
-1.04
0.020
-1.09
0.021
-1.15
0.021
-1.20
0.021
-1.26
0.022
-1.32
0.022
-1.38
0.023
-1.44
0.023
-1.50
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.001
0.01
0.1
Normalized Frequency [Fin/Fos]
Figure 2.135
Digital filter characteristics (Sinc filter)
Table 2.98
A/D conversion characteristics (Oversampling mode and Hybrid mode) (2)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min Typ Max Unit Test conditions
Oversampling
mode and Hybrid
mode
Sinc
filter
Single-ended
input
(AN000 to
AN005)
(AN006 to
AN011)
(AN012 to
AN015)
SNDR signal-
to-noise and
distortion
ratio
—
80
—
dB
● ADCLK: 50 MHz
● Sampling time:
– High-speed channels (Oversampling
mode): 3 ADCLK
– High-speed channels (Hybrid mode): 8
ADCLK
– Middle-speed channels (Oversampling
mode): 10 ADCLK
– Middle-speed channels (Hybrid mode):
22 ADCLK
● Successive approximation time: 5 ADCLK
● Signal source impedance: 50 Ω or less
● Input frequency:
– Oversampling mode: 5 kHz
– Hybrid mode: 5 kHz
● Without channel dedicated sample and hold
circuits
ENOB
effective
number of
bits
—
13
—
bit
Differential input
(AN000 to
AN005)
(AN006 to
AN011)
SNDR signal-
to-noise and
distortion
ratio
—
86
—
dB
ENOB
effective
number of
bits
—
14
—
bit
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 250 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com