| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2AFDCAM 데이터시트(PDF) 260 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFDCAM 데이터시트(HTML) 260 Page - Renesas Technology Corp |
|
260 / 295 page ![]() tVOFF tPVD0 tdet Vdet0 VCC Internal reset signal (Low is valid) tdet Figure 2.140 Voltage detection circuit timing (Vdet0) tVOFF Vdetn_fall VCC tdet tdet tPVDn Td(E-A) PVDnCMPCR.PVDE PVDn Comparator output PVDnCR0.CMPE PVDmSR.MON Internal reset signal (Low is valid) When PVDnCR0.RN = L When PVDnCR0.RN = H tPVDn Vdetn_rise Figure 2.141 Voltage detection circuit timing (Vdetn) (n = 1, 2, 4, 5) 2.10 External VDD Timing Characteristics Table 2.111 External VDD timing characteristics Parameter Symbol Min Typ Max Unit Test condition Reset hold time at power up of external VDD with using RES pin tEXTVRH 600.00 — — µs Figure 2.142 Figure 2.143 VDD rise time at power up of external VDD without using RES pin tEXTVDD — — 550 µs RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 260 of 295 |