| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2AFECHC 데이터시트(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFECHC 데이터시트(HTML) 40 Page - Renesas Technology Corp |
|
40 / 295 page ![]() Table 1.17 Pin list for the SiP product (8 of 8) BGA303 Power, System, Clock, Debug, CAC I/O ports ExBus/ SDRAM Ex.Interrup t SCI/IIC/I3C/SPI/CANFD/USBFS/USBHS/ OSPI/SSIE/SDHI/MMC/ESWM(GMII, RGMII, MII, RMII)/PDMIF GPT/AGT/ULPT/RTC ADC16H/ DAC12/ ACMPHS CEU V6 — P808 — IRQ15 RXD7_B/SCL7_B/MISO7_B/OM_0_SCLK GTIOC13B — — V7 — P100 — IRQ2 SCK9_A/DE9/MISOB_A/OM_0_SIO0 GTETRGA/GTIOC8B/AGTIO0 — — V8 CACREF P500 — IRQ24 RXD8_B/SCL8_B/MISO8_B/ USB_VBUSEN/SD1DAT5_A/PDMDAT0 GTIOC11B AN021 — V9 — P015 — IRQ13 — — AN015/DA1/ IVCMP0 — V10 VREFH — — — — — — — V11 VREFH0 — — — — — — — V12 — P008 — IRQ12-DS — — AN008/ IVREF0 — V13 — P006 — IRQ11-DS — — AN006/ IVCMP2 — V14 — P000 — IRQ6-DS — — AN000/ IVCMP2 — V15 — P002 — IRQ8-DS — — AN002/ IVCMP2 — V16 — P511 — IRQ15 CTS_RTS8_A/SS8_A/DE8/SDA1_A*1/ CRX1/ET1_LINKSTA GTIOC0B — — V17 — P814 — IRQ16 CRX0/USB_DP GTIOC8B — — V18 VSS — — — — — — — Note: Several pin names have the added suffix of _A, _B, and _C. These suffixes have special conditions for electrical characteristics. Note 1. There are two types for IIC function, one is a simple IIC by SCI and another is a dedicated IIC. This terminal is for a dedicated IIC. RA8M2 Datasheet 1. Overview R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 40 of 295 |