전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 118 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 118 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 114Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 115Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 116Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 117Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 118Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 119Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 120Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 121Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 295 page
background image
Table 2.48
Operation frequency value in high-speed mode (7 of 8)
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
External bus clock
(BCLK)
VCC ≥ 2.7 V
BGA package, 0 °C ≤ Tj
≤ 95 °C (Product group
A), VSCR_1 (DCDC
mode), voltage range 1
(External VDD mode)
f
—
—
125
MHz
BGA package, –40 °C
≤ Tj ≤ 105 °C (Product
group B), VSCR_1
(DCDC mode), voltage
range 1 (External VDD
mode)
—
—
100
BGA package, –40 °C
≤ Tj ≤ 125 °C (Product
group C), VSCR_1
(DCDC mode), voltage
range 1 (External VDD
mode)
—
—
100
BGA package, 0 °C ≤ Tj
≤ 95 °C (Product group
A), VSCR_2 (DCDC
mode), voltage range 2
(External VDD mode)
—
—
75
BGA package, –40 °C
≤ Tj ≤ 105 °C (Product
group B), VSCR_2
(DCDC mode), voltage
range 2 (External VDD
mode)
—
—
75
BGA package, –40 °C
≤ Tj ≤ 125 °C (Product
group C), VSCR_2
(DCDC mode), voltage
range 2 (External VDD
mode)
—
—
75
HLQFP package, –40 °C
≤ Tj ≤ 125 °C (Product
group C), VSCR_1
(DCDC mode)
—
—
100
HLQFP package, –40 °C
≤ Tj ≤ 125 °C (Product
group C), VSCR_2
(DCDC mode)
—
—
75
VCC ≥ 1.62 V
—
—
60
EBCLK pin output
VCC ≥ 2.7 V
—
—
60
VCC ≥ 1.62 V
—
—
30
SDCLK pin output
VCC ≥ 3.0 V
—
—
133
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 118 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com