전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 167 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 167 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 163Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 164Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 165Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 166Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 167Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 168Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 169Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 170Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 295 page
background image
Table 2.63
SPI timing (4 of 5)
Conditions:
1. High-speed high drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins:
RSPCLKA_B, RSPCLKB_B.
For other pins, high drive output is selected in the Port Drive Capability bit in the PmnPFS register.
2. Use pins that have a letter appended to their names, for instance “_A” or “_B” to indicate group membership.
3. Load capacitance C = 15pF is applied to the VCC/VCC2 condition “3.00 V or above”.
Parameter
High Speed/
Default
VCC/VCC2
Symbol
Min
Max
Unit
Note
TI SSP SS
input setup
time
Slave
—
3.00 V or above
tTISS
2.5
—
ns
Figure 2.81
—
2.70 V or above
2.5
—
—
1.62 V or above
2.5
—
TI SSP SS
input hold
time
Slave
—
3.00 V or above
tTISH
2.5
—
ns
—
2.70 V or above
2.5
—
—
1.62 V or above
5.5
—
TI SSP next-
access time
Slave
—
3.00 V or above
tTIND
2 × tTcyc + SLNDL × tTcyc
—
ns
—
2.70 V or above
2 × tTcyc + SLNDL × tTcyc
—
—
1.62 V or above
2 × tTcyc + SLNDL × tTcyc
—
TI SSP
master SS
output delay
Master
—
3.00 V or above
tTISSOD
—
4.0
ns
Figure 2.78
—
2.70 V or above
—
8.0
—
1.62 V or above
—
8.0
Data output
delay time
Master
—
3.00 V or above
tOD1
—
2.0
ns
Figure 2.76,
Figure 2.77
—
2.70 V or above
—
3.0
—
1.62 V or above
—
6.0
High Speed*1 3.00 V or above
tOD2
—
1.5
High Speed*1 2.70 V or above
—
2.5
High Speed*1 1.62 V or above
—
4.5
Default*2
3.00 V or above
—
2.5
Default*2
2.70 V or above
—
2.5
Default*2
1.62 V or above
—
4.5
Slave
—
3.00 V or above
tOD
—
10.0
—
2.70 V or above
—
13.5
—
1.62 V or above
—
21.5
Data output
hold time
Master
High Speed*1 3.00 V or above
tOH
−1.5
—
ns
High Speed*1 2.70 V or above
−2.5
—
High Speed*1 1.62 V or above
−4.5
—
Default*2
3.00 V or above
−2.5
—
Default*2
2.70 V or above
−2.5
—
Default*2
1.62 V or above
−4.5
—
Slave
—
3.00 V or above
0.0
—
—
2.70 V or above
0.0
—
—
1.62 V or above
0.0
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 167 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com