전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFECHC 데이터시트(PDF) 173 Page - Renesas Technology Corp

부품명 R7KA8M2AFECHC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECHC 데이터시트(HTML) 173 Page - Renesas Technology Corp

Back Button R7KA8M2AFECHC Datasheet HTML 169Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 170Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 171Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 172Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 173Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 174Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 175Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 176Page - Renesas Technology Corp R7KA8M2AFECHC Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 295 page
background image
2.3.11
OSPI Timing
Table 2.64
OSPI timing (1 of 9)
Conditions:
High-speed high drive output is selected in the port drive capability bit in the PmnPFS register for the following pins: OM_n_SCLK,
OM_n_SCLKN, OM_n_SIO7-0, OM_n_DQS.
Middle drive output is selected in the port drive capability bit in the PmnPFS register for the following pins: OM_n_CS0, OM_n_CS1.
Load capacitance C = 15pF
Item
Symbol
VCC/VCC2 VDD
Min
Max
Unit
Note
Cycle time
SDR without
OM_DQS
tPERIOD
2.70 V or
above
VSCR_1,
voltage
range 1
16.67
—
ns
Figure 2.83
VSCR_2,
voltage
range 2
1.62 V to
2.00 V
VSCR_1,
voltage
range 1
20.00
—
VSCR_2,
voltage
range 2
SDR with
OM_DQS/DDR
tPERIOD
2.70 V or
above
VSCR_1,
voltage
range 1
6.00
—
ns
VSCR_2,
voltage
range 2
7.50
—
1.62 V to
2.00 V
VSCR_1,
voltage
range 1
VSCR_2,
voltage
range 2
Clock output slew rate
tSRck
2.70 V or
above
VSCR_1,
voltage
range 1
0.94
—
V/ns
Figure 2.83
VSCR_2,
voltage
range 2
0.75
—
1.62 V to
2.00 V
VSCR_1,
voltage
range 1
VSCR_2,
voltage
range 2
Clock Duty cycle-distortion
tCKDCD
2.70 V or
above
VSCR_1,
voltage
range 1
0
0.3
ns
Figure 2.83
VSCR_2,
voltage
range 2
0
0.375
1.62 V to
2.00 V
VSCR_1,
voltage
range 1
VSCR_2,
voltage
range 2
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 173 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com